Part Number Hot Search : 
CHN22 40007 M56788FP LM79L15 KBP302 MAX170 MA1000RU 2SD1824
Product Description
Full Text Search
 

To Download IGP-0801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IGP-0801 ???? ??: 1 8-port gigabit poe industrial switch, 4 poe outputs, 802.3at poe+, 126w, -40c to 75c the levelone IGP-0801 is 10/100/1000m industrial 8 port high power poe switch is equipped with 4 port 30watts pse. it is designed for 48-56vdc input sources, especially for ip surveillance, traffic monitoring and for a broad range of applications. it can be used as a stand-alone device for buses, trucks, and other vehicles for surveillance purposes. it is being rigorously tested for your security, transportation and telco application. key features - poe ports can support the ieee 802.3at standard and power up 30w devices - 1000mbps full-duplex, 10/100mbps full/half-duplex, auto-negotiation, auto-mdi/mdix - provides din-rail, wall or desktop mounting - ip30 metal case - redundant power inputs with terminal block - ?? ??: -40c ~ 75c ???? system specifications standards & protocols: ieee 802.3 10base-t ethernet ieee 802.3u 100base-tx fast ethernet ieee 802.3ab 1000base-t gigabit ethernet ieee 802.3z 1000base-x gigabit ethernet ieee802.3x flow control and back pressure, ieee802.3af for poe ieee802.3at for poe+ buffer memory: 1m connectors and cabling: 8 x rj-45 10/100/1000 baset(x) auto negotiation, 4 x giga poe+ 802.3at/af pse port auto mdi/mdi-x function, full/half duplex indicator: per unit: power per port: ethernet link, poe status www.level1.com page 1 of 3
transmission method: store & forward power input: redundant dual dc 44v-56v power input poe input 44-56vdc power consumption: 5.76w@48 vdc full load, without poe features general: 1000base-t, 100 base-tx, 10base-t ethernet 4port poe output poe: poe power per port 30watts. maximum 36watts maximum total power 126watts with 56vdc input, supports ieee802.3af/at ease of use: plug & play performance backplane (gbps): 16g bps mac address table: 8k packet forwarding rate: 1488000 bps jumbo frame (k): 9k bytes environment power saving: green ethernet temperature (c): -40c ~ 75c humidity (non-condensing): 5% to 95% physical specifications dimensions (w x d x h mm): 142 x 105 x 36.2 weight (g): 525 reliability mtbf: 510,304 hrs ( mil-hdbk-217f) at 25c www.level1.com page 2 of 3
order information IGP-0801 package contents IGP-0801 power terminal block mounting kit user manual no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of IGP-0801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X